PART |
Description |
Maker |
FYE-800BZX-00 FYE-800BZX-01 |
8.00 Inch (203.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYT-5231CX-04 FYT-5231CX-21 FYT-5231CX-01 FYT-5231 |
0.52 Inch (13.20mm) digit height Three Digits Display
|
Ningbo Foryard Optoelec...
|
FYT-4031KX-20 FYT-4031KX-22 FYT-4031KX-21 FYT-4031 |
0.40 Inch (10.20mm) digit height Three Digits Display
|
Ningbo Foryard Optoelec...
|
FYT-5631JX-00 |
0.56 Inch (14.20mm) digit height Three Digits Display
|
Ningbo Foryard Optoelec...
|
HDSP-G03Y HDSP-G01A HDSP-G01E HDSP-G01G HDSP-G01X |
Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display HDSP-G01A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
MAN6160E MAN6180E MAN6480E MAN6460E MAN6980E MAN69 |
Green 0.560 inch Single digit stick display, common anode 0.56 INCH (14.2MM) SINGLE DIGIT STICK DISPLAY 0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY
|
FAIRCHILD[Fairchild Semiconductor]
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-547AHR |
0.52 Inch (13.2 mm) digit height single digit seven-segment display From old datasheet system
|
光宝科技股份有限公司 Lite-On Technology Corporation
|
LTS-312AG |
The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
|
Lite-On Technology Corporation
|
FYS-40011HX-00 FYS-40011GX-00 |
4.00 Inch (101.60mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
LTC-4627JRDP LTC-4627JR2 LTC-4627JR4 LTC-4627JRG L |
The LTC-4627JR is a 0.4 inch 10.0mm digit height quadruple digit seven-segment display
|
Lite-On Technology Corporation
|